Part Number Hot Search : 
LGH5015 03952 R5150 MBR645 1N4748 RGC20G A3030 15KE350C
Product Description
Full Text Search
 

To Download SBR1045SP5-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBR1045SP5
10A SBR(R) SUPER BARRIER RECTIFIER PowerDI(R)5
Features
* * * * * * Designed as Bypass Diodes for Solar Panels Selectively Rated for 200C Maximum Junction Temperature for High Thermal Reliability Patented Super Barrier Rectifier Technology Low Forward Voltage Drop Excellent High Temperature Stability Lead Free Finish, RoHS Compliant (Note 2)
Mechanical Data
* * * * * * * Case: PowerDI 5 Case Material: Molded Plastic, "Green" Molding Compound. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020D Terminals: Finish - Matte Tin annealed over Copper leadframe. Solderable per MIL-STD-202, Method 208 Marking Information: See Page 3 Ordering Information: See Page 3 Weight: 0.093 grams (approximate)
(R)
LEFT PIN RIGHT PIN
BOTTOMSIDE HEAT SINK
Top View
Bottom View
Note: Pins Left & Right must be electrically connected at the printed circuit board.
Maximum Ratings
@TA = 25C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitance load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current Non-Repetitive Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed on Rated Load
Symbol VRRM VRWM VRM VR(RMS) IO IFSM
Value 45 32 10 180
Unit V V A A
Thermal Characteristics
Characteristic Typical Thermal Resistance Thermal Resistance Junction to Lead Thermal Resistance Junction to Ambient (Note 3) Thermal Resistance Junction to Ambient (Note 4) Operating Temperature Range Storage Temperature Range VR 80% VRRM VR 50% VRRM DC Forward Mode Symbol RJL RJA RJA TJ TSTG Value 3 102 60 -65 to +150 180 200 -65 to +175 Unit C/W
C C
Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 1) Forward Voltage Drop
@TA = 25C unless otherwise specified Symbol V(BR)R VF Min 45 Typ 0.49 0.47 0.03 17 Max 0.51 0.55 0.53 0.45 18 100 Unit V V Test Condition IR = 0.5mA IF = 8A, TJ = 25C IF = 10A, TJ = 25C IF = 10A, TJ = 125C VR = 45V, TJ = 25C VR = 45V, TJ = 100C VR = 45V, TJ = 150C
Leakage Current (Note 1)
Notes:
IR
mA
1. Short duration pulse test used to minimize self-heating effect. 2. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes. 3. FR-4 PCB, 2oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf. 4. Polymide PCB, 2oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf.
SBR and PowerDI are registered trademarks of Diodes Incorporated. 1 of 3 SBR1045SP5
Document number: DS31370 Rev. 3 - 2
October 2008
(c) Diodes Incorporated
www.diodes.com
SBR1045SP5
IF, INSTANTANEOUS FORWARD CURRENT (A)
1.8 1.6 PD, POWER DISSIPATION (W) 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 2 4 IF(AV), AVERAGE FORWARD CURRENT (A) Fig. 1 Forward Power Dissipation 6
10
T A = 150C
1
TA = 125C
0.1
T A = 85C T A = 25C TA = -55C
0.01
0.001
0.0001 0
100 200 300 400 500 600 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
100,000 IR, INSTANTANEOUS REVERSE CURRENT (uA)
10,000
10,000
TA = 150C TA = 125C
1,000
TA = 85C
CT, TOTAL CAPACITANCE (pF)
f = 1MHz
100
TA = 25C
1,000
10
1
TA = -55C
0.1 0 5 10 15 20 25 30 35 40 45 VR, INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 3 Typical Reverse Characteristics 12
100 0.1
1
10
100
VR, DC REVERSE VOLTAGE (V) Fig. 4 Total Capacitance vs. Reverse Voltage
IF, AVERAGE FORWARD CURRENT (A)
10
Based on Lead Temp (TL)
8
6
Note 4
4
Note 3
2 0 25 50 75 100 125 150 175 TA, AMBIENT TEMPERATURE (C) Fig. 5 Forward Current Derating Curve
SBR and PowerDI are registered trademarks of Diodes Incorporated. 2 of 3 SBR1045SP5
Document number: DS31370 Rev. 3 - 2
October 2008
(c) Diodes Incorporated
www.diodes.com
SBR1045SP5 Ordering Information
Part Number SBR1045SP5-13
Notes:
(Note 5) Case (R) PowerDI 5 Packaging 5000/Tape & Reel
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
S1045S
YYWWK
S1045S = Product Type Marking Code = Manufacturers' code marking K = Factory designator YYWW = Date Code Marking YY = Last two digits of year (ex: 08 for 2008) WW = Week code 01 to 52
Package Outline Dimensions
A D b2 A2 D2
L
E
E1
E2
W L1 e b1 b1 A2
PowerDI 5 Dim Min Max A 1.05 1.15 A2 0.33 0.43 b1 0.80 0.99 b2 1.70 1.88 D 3.90 4.05 D2 3.054 Typ E 6.40 6.60 e 1.84 Typ E1 5.30 5.45 E2 3.549 Typ L 0.75 0.95 L1 0.50 0.65 W 1.10 1.41 All Dimensions in mm
(R)
Suggested Pad Layout
Z C
X2
E1
X1 Y1
Dimensions Z X1 X2 Y1 Y2 C E1
Value (in mm) 6.6 1.4 3.6 0.8 4.7 3.87 0.9
Y2
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
SBR and PowerDI are registered trademarks of Diodes Incorporated. 3 of 3 SBR1045SP5
Document number: DS31370 Rev. 3 - 2
October 2008
(c) Diodes Incorporated
www.diodes.com


▲Up To Search▲   

 
Price & Availability of SBR1045SP5-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X